Part Number Hot Search : 
LPT672 CM1210CI EH680J03 00B0L C3082 DPL4519G F1144HT 0213630
Product Description
Full Text Search
 

To Download 6N13808 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 6N138/6N139
Vishay Semiconductors
High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
FEATURES
* High current transfer ratio, 300 % * Low input current, 0.5 mA
NC A C NC 1
2 3 4 8 7 6 5
VCC VB V0 GND
* High output current, 60 mA * Isolation test voltage, 5300 VRMS * TTL compatible output, VOL = 0.1 V * High common mode rejection, 500 V/s * Adjustable bandwidth-access to base * Standard molded dip plastic package * Lead (Pb)-free component * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
i179082
DESCRIPTION
High common mode transient immunity and very high current ratio together with 5300 VRMS insulation are achieved by coupling and LED with an integrated high gain photo detector in an eight pin dual-in-line package. Separate pins for the photo diode and output stage enable TTL compatible saturation voltages with high speed operation. Photo darlington operation is achieved by tying the VCC and VO terminals together. Access to the base terminal allows adjustment to the gain bandwidth. The 6N138 is ideal for TTL applications since the 300 % minimum current transfer ratio with an LED current of 1.6 mA enables operation with one unit load-in and one unit load-out with a 2.2 k pull-up resistor. The 6N139 is best suited for low power logic applications involving CMOS and low power TTL. A 400 % current transfer ratio with only 0.5 mA of LED current is guaranteed from 0 C to 70 C.
Caution: Due to the small geometries of this device, it should be handled with Electrostatic Discharge (ESD) precautions. Proper grounding would prevent damage further and/or degradation which may be induced by ESD.
APPLICATIONS
* Logic ground isolation-TTL/TTL, CMOS/CMOS, CMOS/TTL * EIA RS 232 line receiver * Low input current line receiver-long lines, party lines * Telephone ring detector * 117 VAC line voltage status indication-low input power dissipation * Low power systems-ground isolation TTL/CMOS,
AGENCY APPROVALS
* UL1577, file no. E52744 system code H or J, double protection * DIN EN 60747-5-5 available with option 1
ORDER INFORMATION
PART 6N138 6N139 6N138-X007 6N138-X009 6N139-X007 6N139-X009 Note For additional information on the available options refer to option information. REMARKS CTR > 300 %, DIP-8 CTR > 500 %, DIP-8 CTR > 300 %, SMD-8 (option 7) CTR > 300 %, SMD-8 (option 9) CTR > 500 %, SMD-8 (option 7) CTR > 500 %, SMD-8 (option 9)
www.vishay.com 184
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83605 Rev. 1.5, 07-May-08
6N138/6N139
High Speed Optocoupler, 100 kBd, Vishay Semiconductors Low Input Current, Photodiode Darlington Output
ABSOLUTE MAXIMUM RATINGS (1)
PARAMETER INPUT Reverse voltage Forward current Average input current Input power dissipation (2)(4) OUTPUT Supply and output voltage Emitter base reverse voltage Peak input current Peak transient input current Output current Output power dissipation (3)(5) COUPLER Isolation test voltage Isolation resistance Storage temperature Operating temperature Lead soldering temperature (6) t = 10 s VIO = 500 V, Tamb = 25 C VIO = 500 V, Tamb = 100 C VISO RIO RIO Tstg Tamb Tsld 5300 1012 1011 - 55 to + 125 - 55 to + 100 260 VRMS C C C Pin 8 to 5, pin 6 to 5 Pin 8 to 5, pin 6 to 5 pin 5 to 7 50 % duty cycle - 1.0 ms pulse width tp 1.0 s, 300 pps Pin 6 IO Pdiss 6N138 6N139 VCC, VO VCC, VO - 0.5 to 7.0 - 0.5 to 18 0.5 40 1.0 60 100 V V V mA A mA mW VR IF If(avg) Pdiss 5.0 25 20 35 V mA mA mW TEST CONDITION PART SYMBOL VALUE UNIT
Notes (1) T amb = 25 C, unless otherwise specified. Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute maximum ratings for extended periods of the time can adversely affect reliability. (2) Derate linearly above 50 C free-air temperature at a rate of 0.4 mA/C. (3) Derate linearly above 50 C free-air temperature at a rate of 0.7 mW/C. (4) Derate linearly above 25 C free-air temperature at a rate of 0.7 mA/C. (5) Derate linearly above 25 C free-air temperature at a rate of 2.0 mW/C. (6) Refer to reflow profile for soldering conditions for surface mounted devices (SMD). Refer to wave profile for soldering conditions for through hole devices (DIP).
ELECTRICAL CHARACTERISTICS (1)
PARAMETER INPUT Input forward voltage Input reverse breakdown voltage Temperature coefficient of forward voltage IF = 1.6 mA IR = 10 A IF = 1.6 mA VF BVR 5.0 - 1.8 1.4 1.7 V V mV/C TEST CONDITION PART SYMBOL MIN. TYP. MAX. UNIT
Document Number: 83605 Rev. 1.5, 07-May-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 185
6N138/6N139
Vishay Semiconductors
High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
TEST CONDITION IF = 1.6 mA, IO = 4.8 mA, VCC = 4.5 V Logic low, output voltage (2) IF = 1.6 mA, IO = 8.0 mA, VCC = 4.5 V IF = 5.0 mA, IO = 15 mA, VCC = 4.5 V IF = 12 mA, IO = 24 mA, VCC = 4.5 V Logic high, output current (2) Logic low supply current (2) Logic high supply current (2) COUPLER Input capacitance Input output insulation leakage current (3) Resistance (input to output) (3) Capacitance (input to output) (3) f = 1.0 MHz, VF = 0 45 % relative humidity, Tamb = 25 C, t = 5.0 s, VIO = 3000 VDC VIO = 500 VDC f = 1.0 MHz RIO CIO 1012 0.6 CIN 25 1.0 pF A pF IF = 0 mA, VCC = 7.0 V IF = 0 mA, VCC = 18 V IF = 1.6 mA, VO = OPEN, VCC = 18 V IF = 0 mA, VO = OPEN, VCC = 18 V PART SYMBOL MIN. TYP. MAX. UNIT
ELECTRICAL CHARACTERISTICS (1)
PARAMETER OUTPUT 6N138 6N139 6N139 6N139 6N138 6N139 VOL VOL VOL VOL IOH IOH ICCL ICCH 0.1 0.1 0.15 0.25 0.1 0.05 0.2 0.001 0.4 0.4 0.4 0.4 250 100 1.5 10 V V V V A A mA A
Notes (1) T amb = 25 C, unless otherwise specified. Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering evaluation. Typical values are for information only and are not part of the testing requirements. (2) Pin 7 open. (3) Device considered a two-terminal device: pins 1, 2, 3 and 4 shorted together and pins 5, 6, 7, and 8 shorted together.
CURRENT TRANSFER RATIO
PARAMETER Current transfer ratio (1)(2) TEST CONDITION IF = 1.6 mA, VO = 0.4 V, VCC = 4.5 V IF = 0.5 mA, VO = 0.4 V, VCC = 4.5 V IF = 1.6 mA, VO = 0.4 V, VCC = 4.5 V PART 6N138 6N139 6N139 SYMBOL CTR CTR CTR MIN. 300 400 500 TYP. 1600 1600 2000 MAX. UNIT % % %
Current transfer ratio
Notes (1) DC current transfer ratio is defined as the ratio of output collector current, I , to the forward LED input current, I times 100 %. O F (2) Pin 7 open.
SWITCHING CHARACTERISTICS
PARAMETER Propagation delay time to logic low at output Propagation delay time to logic low at output (1)(2) Propagation delay time to logic high at output Propagation delay time to logic high at output (1)(2) TEST CONDITION IF = 1.6 mA, RL = 2.2 k IF = 0.5 mA, RL = 4.7 k IF = 12 mA, RL = 270 IF = 1.6 mA, RL = 2.2 k IF = 0.5 mA, RL = 4.7 k IF = 12 mA, RL = 270 PART 6N138 6N139 6N139 6N138 6N139 6N139 SYMBOL tPHL tPHL tPHL tPLH tPLH tPLH MIN. TYP. 2.0 6.0 0.6 2.0 4.0 1.5 MAX. 10 25 1.0 35 60 7.0 UNIT s s s s s s
Notes (1) Pin 7 open. (2) Using a resistor between pin 5 and 7 will decrease gain and delay time. www.vishay.com 186 For technical questions, contact: optocoupler.answers@vishay.com Document Number: 83605 Rev. 1.5, 07-May-08
6N138/6N139
High Speed Optocoupler, 100 kBd, Vishay Semiconductors Low Input Current, Photodiode Darlington Output
COMMON MODE TRANSIENT IMMUNITY
PARAMETER Common mode transient immunity, logic high level output (1)(2) Common mode transient immunity, logic low level output (1)(2) TEST CONDITION IF = 0 mA, RL = 2.2 k, RCC = 0, |VCM| = 10 VP-P IF = 0 mA, RL = 2.2 k, RCC = 0, |VCM| = 10 VP-P PART SYMBOL |CMH| MIN. TYP. 500 MAX. UNIT V/s
|CML|
- 500
V/s
Notes (1) Common mode transient immunity in logic high level is the maxium tolerable (positive) dVcm/dt on the leading edge of the common mode pulse, VCM, to assure that the output will remain in a logic high state (i.e. VO > 2.0 V) common mode transient immunity in logic low level is the maximum tolerable (negative) dVcm/dt on the trailing edge of the common mode pulse signal, VCM to assure that the output will remain in a logic low state (i.e. VO < 0.8 V). (2) In applications where dV/dt may exceed 50 000 V/s (such as state discharge) a series resistor, R CC should be included to protect IC from destructively high surge currents. The recommend value is RCC [(1 V)/(0.15 IF (mA)] k
PACKAGE DIMENSIONS in inches (millimeters)
Pin one ID 4 0.255 (6.48) 0.268 (6.81) 5 6 7 8 ISO method A 3 2 1
0.379 (9.63) 0.390 (9.91) 0.030 (0.76) 0.045 (1.14) 4 typ. 0.130 (3.30) 0.150 (3.81) 0.050 (1.27) 0.020 (0.51) 0.018 (0.46) 0.022 (0.56)
i178006
0.031 (0.79)
0.300 (7.62) typ.
10 0.035 (0.89) 0.100 (2.54) typ. 3 to 9 0.008 (0.20) 0.012 (0.30)
0.230 (5.84) 0.110 (2.79) 0.130 (3.30) 0.250 (6.35)
Option 7
0.300 (7.62) typ.
Option 9
0.375 (9.53) 0.395 (10.03) 0.300 (7.62) ref.
0.028 (0.7)
0.180 (4.6) 0.160 (4.1) 0.315 (8.0) min. 0.331 (8.4) min. 0.406 (10.3) max.
0.0040 (0.102) 0.0098 (0.249) 0.020 (0.51) 0.040 (1.02) 0.315 (8.00) min.
0.012 (0.30) typ.
15 max.
18494
Document Number: 83605 Rev. 1.5, 07-May-08
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com 187
6N138/6N139
Vishay Semiconductors
High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
OZONE DEPLETING SUBSTANCES POLICY STATEMENT
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively. 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA. 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
www.vishay.com 188
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83605 Rev. 1.5, 07-May-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of 6N13808

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X